Part Number Hot Search : 
1N5935B 10N60 CRO2065B Z89304 LVCH16 1N474 15KPA 4066D
Product Description
Full Text Search
 

To Download 2420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features

Superior protection at a low price Patented Switch-Grade Fail-Short Device Quick response and high energy handling Low capacitance (<2.5 pF) - ideal for high-speed networks in high exposure environments C UL US LISTED per UL497 (File E53117)
(R)

Meets test requirements of Telcordia GR 974, GR1361, SBC SR 5165 and RUS PE-80 Solid brass, gold plated pins Test point access option Sealed option for harsh environments
2420 Series 5-Pin Gas Discharge Tube (GDT) Protector
The 2420 overvoltage protection modules utilize Bourns' propietary high-efficiency gas discharge tube with our patented Switch-Grade Fail-Short mechanism to provide robust and reliable surge and thermal overload protection at a very competitive price. The 2420 Series is based on Bourns' three-terminal common chamber GDT. This design provides greatly improved and balanced turn-on characteristics for overvoltage protection.The GDT is UL approved for use without a back-up device. Air back-up devices can become contaminated; the circuitry of the 2420 eliminates this possibility. Our unique Switch-Grade Fail-Short device provides more reliable thermal overload protection compared to commonly used solder pellet or insulation burn-through designs. Bourns(R) 2420 Series 5-Pin protectors can be used universally for broadband voice and data circuits including ADSL, ADSL2+, VDSL ISDN and high-speed Ethernet. The 2420 Series is an economical, reliable and low capacitance choice for overvoltage protection of copper pair circuits.
Characteristics
Test Methods per UL 497, CSA C22.2, Telcordia GR 974, 1361 and SBC SR 5165. DC Breakdown .................................................................................................................................... AC Breakdown @ 60 Hz ...................................................................................................................... Impulse Breakdown 100 V/s ......................................................................................................................................... 1000 V/s ....................................................................................................................................... Insulation Resistance @ 100 Vdc ........................................................................................................ Insertion Loss @ 100 MHz .................................................................................................................. Return Loss @ 100 MHz ..................................................................................................................... Capacitance Tip to Ring @ 1 MHz ...................................................................................................... Capacitance Tip or Ring to Ground @ 1 MHz ..................................................................................... Impulse Reset1 52 V, 260 mA .................................................................................................................................. 135 V, 200 mA ................................................................................................................................ 150 V, 200 mA ................................................................................................................................ Impulse Life Characteristics (Tip and Ring to Ground Simultaneously) 10 A, 10/1000 s ............................................................................................................................ 100 A, 10/1000 s .......................................................................................................................... 300 A, 10/1000 s .......................................................................................................................... 500 A, 10/1000 s .......................................................................................................................... 2,000 A, 10/250 s ......................................................................................................................... 5,000 A, 20/100 s ......................................................................................................................... 20,000 A, 8/20 s ........................................................................................................................... AC Life Characteristics (Tip and Ring to Ground Simultaneously) 0.5 A rms continuous ..................................................................................................................... 1 A rms, 1 second, 600 ft. cable .................................................................................................... 1 A rms, 1 second, 1 mile cable ..................................................................................................... 10 A rms, 1 second ........................................................................................................................ 65 A rms, 11 cycles ........................................................................................................................ 120 A rms, 0.1 second ................................................................................................................... High Current Capability and Thermal Operation (Tip and Ring to Ground Simultaneously) ............... Storage and Operating Temperature ..................................................................................................
300-400 V 300-400 V 625 V 875 V >1 G ExceedsCategory 5 Exceeds Category 5 <1.25 pF typical <2.50 pF typical <10 ms <10 ms <150 ms >3000 operations >300 operations >100 operations >400 operations2 >25 operations >2 operations >1 operation >30 seconds >60 operations >60 operations >5 operations >1 operation2 1 operation >30 A rms, 15 min. -55 to +85 C
Telcordia analyzed for controlled (non-sealed) and uncontrolled, high-exposure (sealed) environments per GR 974 and SBC SR 5165. Telcordia Technical Analysis Report DA-1597. 2 Notes: 1 Network applied Per RUS PE-80
REV. F 08/06 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
2420 Series 5-Pin Gas Discharge Tube (GDT) Protector
How To Order
2420 - X XX - X - XX Model Number Designator Module Length 3 = Standard: 52.37 mm (2.06 in.) 7 = Special Short: 41.19 mm (1.62 in.)
Housing Color/Circuit Type 1 = Black/Standard 9 = Orange/Standard Service (non-Bridgelifter) 3 = Red/Special 10 = Yellow/Standard Pin Plating G = Gold Plated N = Tin Plated
Special Options S = Sealed Case T = Test Points ST = Sealed Case and Test Points
Product Dimensions 2420-3 MODULE
42.17 (1.66) 12.8 (0.50) DIA. 2.2 2 PLCS. (.085) 29.9 (1.18) DIA. 2.3 5 PLCS. (.092) 5.7 (0.223)
DIMENSIONS:
19.0 (0.75) 11.2 (0.44) 3.6 (0.14) 5.6 (0.220) 6.1 (0.240) 11.2 (0.440)
MM (INCHES)
5.1 (0.20) 10.2 (0.40)
2420-7 MODULE
30.99 (1.22) 24.9 (0.98) 6.15 (0.24)
Reliable Electronic Solutions
Asia-Pacific: TEL +886- (0)2 25624117 FAX +886- (0)2 25624116
5.1 (0.20) 10.2 (0.40)
Europe: TEL +41-41 7685555 FAX +41-41 7685510 The Americas: TEL +1-951 781-5500 FAX +1-951 781-5700
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
www.bourns.com


▲Up To Search▲   

 
Price & Availability of 2420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X